Part Number Hot Search : 
KA3843AM CMDD6001 1040C 05M76 00266 DC24V LP2951CM 7C1020V
Product Description
Full Text Search
 

To Download IRG4RC10SDTRLP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irg4rc10sdpbf 07/04/07 insulated gate bipolar transistor withultrafast soft recovery diode features e g n-channel c     
 =      
standard speed copack igbt extremely low voltage drop 1.1v(typ) @ 2a s-series: minimizes power dissipation at up to 3 khz pwm frequency in inverter drives, up to 4 khz in brushless dc drives. tight parameter distribution igbt co-packaged with hexfred tm ultrafast, ultra-soft-recovery anti-parallel diodes for use in bridge configurations industry standard to-252aa package benefits generation 4 igbt's offer highest efficiencies available igbt's optimized for specific application conditions hexfred diodes optimized for performance with igbt's . minimized recovery characteristics require less/no snubbing lower losses than mosfet's conduction and diode losses     parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25c continuous collector current 14 i c @ t c = 100c continuous collector current 8.0 i cm pulsed collector current  18 a i lm clamped inductive load current  18 i f @ t c = 100c diode continuous forward current 4.0 i fm diode maximum forward current 16 v ge gate-to-emitter voltage 20 v p d @ t c = 25c maximum power dissipation 38 p d @ t c = 100c maximum power dissipation 15 t j operating junction and -55 to +150 t stg storage temperature range c

    thermal resistance
parameter typ. max. units r jc junction-to-case - igbt CCC 3.3 r jc junction-to-case - diode CCC 7.0 r ja junction-to-ambient (pcb mount)* CCC 50 wt weight 0.3 (0.01) CCC g (oz)  when mounted on 1" square pcb (fr-4 or g-10 material). for recommended footprint and soldering techniques refer to application note #an-994 www.irf.com 1 lead-free pd - 95192a downloaded from: http:///
irg4rc10sdpbf 2 www.irf.com switching characteristics @ t j = 25c (unless otherwise specified) details of note   through   are on the last page parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage  600 v v ge = 0v, i c = 250a ? v (br)ces / ? t j temperature coeff. of breakdown voltage 0.64 v/c v ge = 0v, i c = 1.0ma v ce(on) collector-to-emitter saturation voltage 1.58 1.8 i c = 8.0a v ge = 15v 2.05 v i c = 14.0a see fig. 2, 5 1.68 i c = 8.0a, t j = 150c v ge(th) gate threshold voltage 3.0 6.0 v ce = v ge , i c = 250a ? v ge(th) / ? t j temperature coeff. of threshold voltage -9.5 mv/c v ce = v ge , i c = 250a g fe forward transconductance  3.65 5.48 s v ce = 100v, i c =8.0a i ces zero gate voltage collector current 250 a v ge = 0v, v ce = 600v 1000 v ge = 0v, v ce = 600v, t j = 150c v fm diode forward voltage drop 1.5 1.8 v i c =4.0a see fig. 13 1.4 1.7 i c =4.0a, t j = 150c i ges gate-to-emitter leakage current 100 na v ge = 20v electrical characteristics @ t j = 25c (unless otherwise specified) q g total gate charge (turn-on) 15 22 i c = 8.0a qge gate - emitter charge (turn-on) 2.42 3.6 nc v cc = 400v see fig. 8 q gc gate - collector charge (turn-on) 6.53 9.8 v ge = 15v t d(on) turn-on delay time 76 t j = 25c t r rise time 32 ns i c = 8.0a, v cc = 480v t d(off) turn-off delay time 815 1200 v ge = 15v, r g = 100 ? t f fall time 720 1080 energy losses include "tail" and e on turn-on switching loss 0.31 diode reverse recovery. e off turn-off switching loss 3.28 mj see fig. 9, 10, 18 e ts total switching loss 3.60 10.9 e ts total switching loss 1.46 2.6 mj i c = 5.0a t d(on) turn-on delay time 70 t j = 150c, see fig. 10,11, 18 t r rise time 36 ns i c = 8.0a, v cc = 480v t d(off) turn-off delay time 890 v ge = 15v, r g = 100 ? t f fall time 890 energy losses include "tail" and e ts total switching loss 3.83 mj diode reverse recovery. l e internal emitter inductance 7.5 nh measured 5mm from package c ies input capacitance 280 v ge = 0v c oes output capacitance 30 pf v cc = 30v see fig. 7 c res reverse transfer capacitance 4.0 ? = 1.0mhz t rr diode reverse recovery time 28 42 ns t j = 25c see fig. 3857 t j = 125c 14 i f =4.0a i rr diode peak reverse recovery current 2.9 5.2 a t j = 25c see fig. 3.7 6.7 t j = 125c 15 v r = 200v q rr diode reverse recovery charge 40 60 nc t j = 25c see fig. 70 105 t j = 125c 16 di/dt = 200a/s di (rec)m /dt diode peak rate of fall of recovery 280 a/s t j = 25c see fig. during t b 235 t j = 125c 17 parameter min. typ. max. units conditions downloaded from: http:///
irg4rc10sdpbf www.irf.com 3 fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 1 10 100 0.5 1.0 1.5 2.0 2.5 3.0 v , collector-to-emitter voltage (v) i , collector current (a) ce c v = 15v 80s pulse width ge t = 25 c j t = 150 c j 1 10 100 6 8 10 12 v , gate-to-emitter voltage (v) i , collector-to-emitter current (a) ge c v = 50v 5s pulse width cc t = 25 c j t = 150 c j 5s pulse width 0.1 1 10 100 0.00 0.50 1.00 1.50 2.00 2.50 f, frequency (khz) load current (a) 60% of rated voltage i ideal diodes square wave: for both: duty cycle: 50% t = 125c t = 90c gate drive as specified sink j power dissipation = w 1.4 pcb mount, ta = 55c downloaded from: http:///
irg4rc10sdpbf 4 www.irf.com fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - typical collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs. case temperature 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) -60 -40 -20 0 20 40 60 80 100 120 140 160 1.00 1.50 2.00 2.50 3.00 t , junction temperature ( c) v , collector-to-emitter voltage(v) j ce v = 15v 80 us pulse width ge i = a 16 c i = a 8 c i = a 4 c 25 50 75 100 125 150 0 4 8 12 16 t , case temperature ( c) maximum dc collector current(a) c downloaded from: http:///
irg4rc10sdpbf www.irf.com 5 0 20 40 60 80 100 3.30 3.35 3.40 3.45 3.50 3.55 3.60 r , gate resistance (ohm) total switching losses (mj) g v = 480v v = 15v t = 25 c i = 8a cc ge j c fig. 7 - typical capacitance vs. collector-to-emitter voltage fig. 8 - typical gate charge vs. gate-to-emitter voltage fig. 9 - typical switching losses vs. gate resistance fig. 10 - typical switching losses vs. junction temperature r g , gate resistance ( ?) 0 5 10 15 20 0 5 10 15 20 q , total gate charge (nc) v , gate-to-emitter voltage (v) g ge v = 400v i = 8a cc c 1 10 100 0 100 200 300 400 500 v , collector-to-emitter voltage (v) c, capacitance (pf) ce v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted ge ies ge gc , ce res gc oes ce gc c ies c oes c res -60 -40 -20 0 20 40 60 80 100 120 140 160 0.1 1 10 100 t , junction temperature ( c ) total switching losses (mj) j r = ohm v = 15v v = 480v g ge cc i = a 16 c i = a 8 c i = a 4 c  ? downloaded from: http:///
irg4rc10sdpbf 6 www.irf.com 1 10 100 1 10 100 1000 v = 20v t = 125 c ge j o safe operating area v , collector-to-emitter voltage (v) i , collector current (a) ce c fig. 11 - typical switching losses vs. collector current fig. 12 - turn-off soa 0 4 8 12 16 20 0 3 6 9 12 15 i , collector current (a) total switching losses (mj) c r = 100 t = 150 c v = 480v v = 15v g j cc ge  ? 0.1 1 10 100 0.0 1.0 2.0 3.0 4.0 5.0 6.0 fm forward voltage drop - v (v) t = 150c t = 125c t = 25c jj j  
  
 
        
! !!  "! downloaded from: http:///
irg4rc10sdpbf www.irf.com 7 fig. 16 - typical stored charge vs. di f /dt fig. 17 - typical di (rec)m /dt vs. di f /dt, fig. 14 - typical reverse recovery vs. di f /dt fig. 15 - typical recovery current vs. di f /dt         20 25 30 35 40 45 50 100 1000 f di /dt - (a/s) i = 8.0a i = 4.0a f f v = 200v t = 125c t = 25c rj j 0 2 4 6 8 10 12 14 100 1000 f i = 8.0a i = 4.0a v = 200v t = 125c t = 25c rj j di /dt - (a/s) f f 0 40 80 120 160 200 100 1000 f di /dt - (a/s) i = 8.0a i = 4.0a v = 200v t = 125c t = 25c rj j f f 100 1000 100 1000 f di /dt - (a/s) a i = 8.0a i = 4.0a v = 200v t = 125c t = 25c rj j f f downloaded from: http:///
irg4rc10sdpbf 8 www.irf.com same type device as d.u.t. d.u.t. 430f 80% of vce fig. 18a - test circuit for measurement of i lm , e on , e off(diode) , t rr , q rr , i rr , t d(on) , t r , t d(off) , t f fig. 18b - test waveforms for circuit of fig. 18a, defining e off , t d(off) , t f vce ie dt t2 t1 5% vce ic ipk vcc 10% ic vce t1 t2 dut voltage and current gate voltage d.u.t. +vg 10% +vg 90% ic tr td(on) diode reverse recovery energy tx eon = erec = t4 t3 vd id dt t4 t3 diode recovery waveforms ic vpk 10% vcc irr 10% irr vcc trr qrr = trr tx id dt fig. 18c - test waveforms for circuit of fig. 18a, defining e on , t d(on) , t r fig. 18d - test waveforms for circuit of fig. 18a, defining e rec , t rr , q rr , i rr    t=5s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% c i c e on e off ts on off e = (e +e ) v v ge downloaded from: http:///
irg4rc10sdpbf www.irf.com 9 vg gate signal device under tes t current d.u.t. voltage in d.u.t. current in d1 t0 t1 t2 d.u.t. v * c 50v l 1000v 6000f 100v figure 19. clamped inductive load test circuit figure 20. pulsed collector current test circuit       
  figure 18e. macro waveforms for figure 18a's test circuit downloaded from: http:///
irg4rc10sdpbf 10 www.irf.com  

  

           
      
        !" ! # $   %  &'    (  
 )* )+(,  -% ./  0 1  +(  0 
  %   -
 2   %    0  %(  1  %  
        %( 1   
  %    0   %   -
 2     !" ! # )* )+(, 34!5*  6 *4,+!7!  0 1  +(  -% 8-(   %-  9 ./  
        
  downloaded from: http:///
irg4rc10sdpbf www.irf.com 11 notes:  repetitive rating:  v ge =20v; pulse width limited by maximum junction temperature (figure 20)  v cc =80%(v ces ), v ge =20v, l=10h, r g = 100w (figure 19)  pulse width    duty factor   !"   pulse width #!$ single shot. data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 07/2007   

            tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl notes : 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters ( inches ). 3. outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch  
        
  downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRG4RC10SDTRLP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X